Part Number Hot Search : 
M1150 MA568 24010 DD312 M18BCK NTE799 SB82371 CONDUCT
Product Description
Full Text Search
 

To Download SR29-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SR22 - SR210
Pb
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
! ! ! ! ! ! ! Schottky Barrier Chip Ideally Suited for Automatic Assembly B Low Power Loss, High Efficiency Surge Overload Rating to 50A Peak For Use in Low Voltage Application A Guard Ring Die Construction F Plastic Case Material has UL Flammability Classification Rating 94V-O C H G E
SMA/DO-214AC Dim Min Max 2.50 2.90 A 4.00 4.60 B 1.20 1.60 C 0.152 0.305 D 4.80 5.28 E 2.00 2.44 F 0.051 0.203 G 0.76 1.52 H All Dimensions in mm
D
Mechanical Data
! ! ! ! ! ! Case: SMA/DO-214AC, Molded Plastic Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 Polarity: Cathode Band or Cathode Notch Marking: Type Number Weight: 0.064 grams (approx.) Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TL = 105C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 2.0A @TA = 25C @TA = 100C Symbol VRRM VRWM VR VR(RMS) IO SR22 SR23
@TA=25C unless otherwise specified
SR24
SR25
SR26
SR28
SR29 SR210
Unit
20 14
30 21
40 28
50 35 2.0
60 42
80 56
90 64
100 71
V V A
IFSM VFM IRM RJL RJA Tj TSTG 0.50
50 0.70 0.5 20 20 75 -65 to +125 -65 to +150 0.85
A V mA C/W C C
Typical Thermal Resistance (Note 1) Operating Temperature Range Storage Temperature Range
Note: 1. Mounted on P.C. Board with 8.0mm2 copper pad area.
SR22 - SR210
1 of 4
(c) 2006 Won-Top Electronics
I(AV), AVERAGE FORWARD CURRENT (A)
10
2.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
SR22 - SR24
SR25 - SR26
1.0
SR28 - SR210
1.0
0.1
0 25 50 75 100 125 150
0.01
Tj - 25C IF Pulse Width = 300 s
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typ. Forward Characteristics
1000
Tj = 25C f = 1 MHz
TL , LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
60
IFSM, PEAK FORWARD SURGE CURRENT (A)
Single Half Sine-Wave
45
Cj, JUNCTION CAPACITANCE (pF)
100
(JEDEC Method)
30
100
15
Tj = 150C
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
10 0.1 1 10 100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
10
Tj = 100C
1.0
Tj = 75C
0.1
0.01
Tj = 25C
0.001 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
SR22 - SR210
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
WTE SR2x
Cathode WTE SR2x x = Polarity Band = Manufacturer's Logo = Device Number = 2, 3, 4, 5, 6, 8, 9 or 10
0.050 MIN (1.27 MIN)
0.058 MIN (1.47 MIN)
0.083 MAX (2.11 MAX)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Direction of Unreeling
4mm 330mm 12mm
4mm 12mm Product ID Label 1.6mm
Reel Diameter (mm) 330
Quantity (PCS) 7,500
Inner Box Size L x W x H (mm) 340 x 337 x 45
Quantity (PCS) 15,000
Carton Size L x W x H (mm) 370 x 370 x 420
Quantity (PCS) 120,000
Approx. Gross Weight (KG) 17.5
Note: 1. Paper reel, white or gray color. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
SR22 - SR210
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SR22-T3 SR23-T3 SR24-T3 SR25-T3 SR26-T3 SR28-T3 SR29-T3 SR210-T3
1. 2.
Package Type
SMA SMA SMA SMA SMA SMA SMA SMA
Shipping Quantity
7500/Tape & Reel 7500/Tape & Reel 7500/Tape & Reel 7500/Tape & Reel 7500/Tape & Reel 7500/Tape & Reel 7500/Tape & Reel 7500/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SR22-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SR22 - SR210
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SR29-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X